Part Number Hot Search : 
JANTX1N CXP84540 10A10 MOC8104 1SMC85 10112 EPS48 TD6102
Product Description
Full Text Search
 

To Download 75KTA062134-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Network Search Engine Brief Development Board for the Intel(R) IXDP2400 Development 75KTA062134-200 Platform
Introduction
IDT provides proven, industry-leading network search engines (NSEs) and a comprehensive suite of software that enable and accelerate the intelligent processing of network services in communications equipment. As a part of the complete IDT classification subsystem that includes content inspection engines, the IDT family of NSEs delivers high-performance, feature-rich, easy-to-use, integrated search accelerators.
Development Board Description
IDT provides the IDT75KTA062134-200 development board to further accelerate your application software development. The 75KTA062134-200 compliments the Intel IXDP2400 development platform to provide a complete hardware search accelerated network processing development platform. Utilizing the IDT 9M NSE with a LA-1 interface (IDT75K62134), the 75KTA062134-200 enables your Intel IXDP2400 development platform to achieve the highest search performance speed in the industry: 100 million searches per second (MSPS) using a 200 MHz QDR II bus frequency. Additionally, resources on the module include an onboard ZBT(R) SRAM allows for the storage of NSE associated data, and a QDR SRAM is integrated for auxiliary NPU memory. The 75KTA062134-200 is bundled with a comprehensive software suite that consists of control plane, data plane, diagnostic, and development software, including the System Level Architecture Model (SLAMTM). The complete software package is fully integrated with the Intel IXA Microengine and control plane software development environments, enabling customers to enjoy lower development costs and improved time-to-market. Both the 75KTA062134-200 and its accompanying software are easy to install. The 75KTA062134-200 directly plugs into the QDR II memory slot via a 114-pin Mictor connector on the Intel IXDP2400 development platform.
IDT75KTA062134-200 Block Diagram
LA-1 SRAM LA-1 Bus ZBT(R) -SRAM IDT71T75602
Power Regulation
114-pin Connector
Network Search Engine
Network Search Engine
75K62134
75K62134
6094 d01
MAY 2003
1
(c) 2003 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice. All other trademarks mentioned are the property of their respective owners.
DSC-6094/00
Network Search Engine Development Board for the Intel IXDP2400 Development Platform
Product Brief
Features
s s s
s s
s s
100 MSPS at 200 MHz QDRTM II 512Kx36 entries of full ternary content addressable memory (TCAM) Two 75K62134 NSE devices 512K x 32 associated data memory on board (ZBT(R) and/or QDR II SRAM) Supports entry widths up to 576 bits 16 independently controlled databases - Independent width selection - Independent depth selection - Independent aging - Dynamic Database ManagementTM for up to 70% power savings
Bundled IDT software for the Intel IXDP2400 development platform, including: - Initialization, Management, and Search (IMS) Software Library - A set of software components that operate in the network processing control plane to support NSE component initialization, advanced database configuration, associated data management, and Global Mask Register (GMR) management. - Data Plane Macros (DPM) Library - Data plane macros for each NSE instruction. - Intel Lookup Library - Additional control plane and data plane software support that conforms to the Intel Internet Exchange Architecture (IXA) Portability Framework. - Diagnostic software for testing the NSE-QDR device. - System Level Architecture Model (SLAM) - A cycle- and data-accurate simulation model that allows customers to evaluate packet-processing solutions prior to system availability.
IDT75KTA062134-200 Development Board
CORPORATE HEADQUARTERS 6024 Silver Creek Valley Road San Jose, CA 95138
for SALES: 800-345-7015 or 408-284-8200 fax: 408-284-2775 www.idt.com
for Tech Support: ipchelp@idt.com 800-345-7015
The IDT logo is a registered trademark of Integrated Device Technology, Inc. ZBT(R) and Zero Bus Turnaround are trademarks of Integrated Device Technology, Inc. and the architecture is supported by Micron Technology and Motorola Inc. QDRTM - Quad Data Rate (Trademark of Cypress, IDT, Micron, NEC and Samsung.) All brands or products are the trademarks or registered trademarks of their respective owners.
2


▲Up To Search▲   

 
Price & Availability of 75KTA062134-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X